Part Number Hot Search : 
MAX20 C2GA00 24064 C1G07 CS8151C LM2594 SIS12VB M7150
Product Description
Full Text Search
 

To Download M66007P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mitsubishi digital assp ? M66007P/fp 12-bit input expander 1 mitsubishi digital assp ? M66007P/fp 12-bit input expander description the m66007 is a semiconductor integrated circuit providing the 12-bit parallel input-serial output shift register function. this product is completely designed with cmos to sharply reduce power consumption compared with bipolar or bi- cmos product. the m66007, developed as an input only expander ic neces- sary for microcomputer periphery, is widely applicable as a data parallel/serial conversion ic. features ? control signals of only two pins including le/d and clk ? low power consumption of 50 w/package maximum (vcc=5v, ta=25c at time of standstill) ? schmitt triggered input (le/d, clk, d0 to d11) ? wide operating supply voltage range (vcc=2~6v) ? wide operating temperature range (ta=C20~75c) application parallel/serial data conversion for microcomputer periphery function the m66007 uses a silicon gate cmos process to achieve low power consumption and high noise margin. for control signals, this ic adopts only the two pins of latch input/serial data output le/d and clock input clk. each bit of shift register of 12-bit parallel input-serial output consists of flip-flop for shift. when le/d is placed in input mode, clk is set to h and le/ d changes from h to l, the status of parallel data inputs d0 to d11 at that time is latched with the flip-flop for shift and le/ d is switched to output mode to output l. pin configuration (top view) block diagram outline 16p4 16p2n-a after this, change of clk from h to l makes the shift regis- ter perform shift operation and le/d outputs the contents of the shift register from d0 in order. in addition, the shift operation for up to the 12th bit is carried out and then le/d is switched to the input mode at the falling edge of clk of the 13th bit. when power is turned on, the input/output mode of le/d is indeterminate. however, detection of 13 or more falling edges of clk sets le/d in the input mode. le/d clk d11 d10 d9 d8 d7 d6 d5 d0 d1 d3 le/d ? clk ? d0 ? d1 ? d2 ? d3 ? d4 ? gnd v cc ? d11 ? d10 ? d9 ? d8 ? d7 ? d6 ? d5 ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? y ? ? ? ? ? ? ? ? ? t latch input/ serial data output 116 215 314 413 512 611 710 89 parallel data input clock input parallel data input d2 d4 1 2 8 16 15 14 13 12 11 10 9 7 6 5 4 3 d 11 d 10 d 9 d 8 d 0 d 11 d 10 d 9 d 8 d 7 d 6 d 5 d 4 d 3 d 2 d 1 d 0 q 11 q 10 q 9 q 8 q 0 gnd vcc clk le/d vcc q p lclk q n clk sq sd le le d 11 d 10 d 9 d 8 d 7 d 6 d 5 d 4 d 3 d 2 d 1 d 0 latch input/ serial data output clock input parallel data input parallel latch shift register control circuit
2 mitsubishi digital assp ? M66007P/fp 12-bit input expander description of operation (1) when power is turned on, le/d is placed in input/output indeterminate mode. however, detection of 13 or more of falling edges of clk sets le/d in input mode. (2) when le/d is placed in input mode, and clk is set to h, access starts at a falling edge of le/d and the status of d 0 to d 11 is latched. (3) in addition, le/d switches from input mode to output mode and then outputs l. operation timing chart (4) at a falling edge of clk from h to l, data latched in step (2) is shifted sequentially and is then output from le/d in order of d 0 to d 11 . (5)after the output of 12-bit data of d 0 to d 11 , le/d is switched to input mode at the 13th falling edge of clk to wait for next access. keep the le/d pin set to h until the next access starts. 1 23 4 5 6 7 8 9 10 11 12 13 d 0 clk (in) (out) ? ? ? ? ? ? ? ? ? ? ? ? ? le/d d 11 d 0 ~ d 11 d 0 le/d input/output mode power on ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? rest sequence (13 clocks or more) (2) (4) (3) (1) input/output indeterminate indeterminate input mode (latch signal) output mode (output signal) input mode d 11 d 10 d 9 d 8 d 7 d 6 d 5 d 4 d 3 d 2 d 1 (5)
mitsubishi digital assp ? M66007P/fp 12-bit input expander 3 conditions v o =0.1v, v cc C0.1v, i o =20a v o =0.1v, v cc C0.1v, i o =20a v i =v t+ , v tC v cc =4.5v v i =v t+ , v tC v cc =4.5v v i =v t+ , v tC v cc =6v v i =v cc , gnd, v cc =6v, le/d=h v i =v cc , gnd, v cc =6v, le/d=l conditions v i <0v v i >v cc v o <0v v o >v cc v cc, gnd ratings C0.5 ~ +7.0 C0.5 ~ v cc + 0.5 C0.5 ~ v cc + 0.5 C20 20 C20 20 20 C60 ~ 150 symbol v cc v i v o i ik i ok i cc t stg parameter supply voltage input voltage output voltage input protection diode current output incidental diode current power/gnd storage temperature unit v v v ma ma ma c absolute maximum ratings (ta = 20 ~ 75c unless otherwise noted) recommended operating conditions symbol v cc v i v o t opr parameter supply voltage input voltage output voltage operating temperature limits min. 2 0 0 C20 typ. max. 6 v cc v cc 75 unit v v v c symbol v t+ v tC v ol v oh i o i cc parameter threshold voltage in positive direction threshold voltage in negative direction low-level output voltage high-level output voltage maximum output leak current static consumption current electrical characteristics (vcc = 2 ~ 6v unless otherwise noted) limits max. 0.8 v cc 0.65 v cc 0.1 0.5 10.0 C1.2 100.0 1.2 min. 0.35 v cc 0.2 v cc 4.4 4.0 max. 0.8 v cc 0.65 v cc 0.1 0.4 1.0 C0.8 10.0 0.8 typ. unit v v v v a ma a ma min. 0.35 v cc 0.2 v cc 4.4 4.1 t a =25?c t a = C20~75?c i ol =20a i ol =1ma i oh =C20a i oh =C1ma v o =v cc v o =gnd symbol f max t plh t phl t plz t phz parameter maximum repetition frequency output l-h, h-l propagation time clk-le/d output l-z, h-z propagation time clk-le/d switching characteristics (vcc=5v) unit mhz ns ns ns ns limits max. 400 400 400 400 typ. min. 2 c l =50pf (note 1) t a = C20 ~ 75?c conditions
4 mitsubishi digital assp ? M66007P/fp 12-bit input expander parameter clk pulse width le/d pulse width (input mode) clk set up time for le/d d 0 ~d 11 set up time for le/d clk hold time for le/d d 0 ~d 11 hold time for le/d timing requirements (v cc = 5v) limits note 1. test circuit symbol t w t su t h unit ns ns ns max. typ. min. 250 250 100 100 200 200 conditions t a = C20 ~ 75?c (1) characteristics (10%~90%) of pulse gen- erator (pg) t r = 6ns, t f = 6ns (2) electrostatic capacitance c l includes the floating capacitance of connection and probe input capacitance. sw2 open open open close item t plh t phl t plz t phz sw1 open open close open dut v cc v cc input r l =1k w gnd pg 50 w c l sw1 sw2 r l =1k w le/d
mitsubishi digital assp ? M66007P/fp 12-bit input expander 5 timing diagram 50% clk 50% 50% 0v 50% le/d (out) t plz t pzl t w + t w C 50% 50% 50% 50% v cl v ol v cc v oh v cc v cc d 0 ~d 11 led (in) clk 10% t plz t su t h 50% t phz 90% output mode le/d le/d input mode 0v v ol 50% 50% t w C 10% t su t h 0v 0v v cc 0v clk
6 mitsubishi digital assp ? M66007P/fp 12-bit input expander precautions for application 1. the following timing diagram shows the status of mcu port and le/d pin of the m66007 when power is turned on. when mcu has been reset to make the collision period of mcu and le/d line of the m66007 as short as possible, place the port (le/d) in input mode and execute the reset sequence through the port (clk) promptly to reset the m66007. as shown in the diagram, to prevent the ic from being bro- ken due to collision of the le/d line in the 1-2 section, set in the le/d line in series a resistance of a degree to which the transmission speed cannot be affected. 2. when the le/d pin on each of the mpu and m66007 sides switches from input mode to output mode or from output mode to input mode, the le/d pin may be placed in high impedance status, resulting in oscillation. to prevent malfunction due to this oscillation, pull up the le/d line with a high resistance of a degree to which v oh and v ol levels cannot be affected. (with approx. 20k w pull- up resistance built-in) status of mcu and m66007 with power turned on connection example of mcu and m66007 power on mcu reset m66007 reset sequence m66007 reset mcu port (data) input/output indeterminate input/output indeterminate input mode output mode input mode input/output indeterminate input/output indeterminate output mode mcu port (clk) 13 clocks or more m66007 le/d 1 2 3 serial resistance port (data) port (clk) mcu i/o=le/d i=clk m66007 pull-resistance


▲Up To Search▲   

 
Price & Availability of M66007P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X